Part Number Hot Search : 
T6336 RC5061 S29LV4 KA2206 UPC1490G M41ST87Y A2808BB6 21100
Product Description
Full Text Search
 

To Download B45396R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tantalum chip capacitors multiple anode, ultra-low esr series/type: B45396R date: july 2006 ? kemet ag 2006. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without kemet's prior express consent is prohibited.
construction polar tantalum capacitors with solid electrolyte conventional tamno 2 technology three parallel low-esr tantalum capacitors in one case flame-retardant plastic case (ul 94 v-0) tinned terminals features high volumetric efficiency ultra-low esr values high ripple current capability excellent solderability stable temperature and frequency characteristics low leakage current, low dissipation factor low self-inductance high resistance to shock and vibration suitable for use without series resistor (special operating conditions recommended) lead-free and material content compatible with rohs applications telecommunications (e.g. mobile phones, infrastructure) data processing (e.g. laptops, mainframes) measuring and control engineering (e.g. voltage regulators) medical engineering dc/dc converters soldering suitable for reflow soldering (ir and vapor phase, in compliance with jedec j-std-020 c) and wave soldering delivery mode taped and reeled in accordance with iec 60286-3 tantalum chip capacitors B45396R multiple anode, ultra-low esr page 2 of 12 please read important notes and cautions and warnings at the end of this document.
encapsulation: molded epoxy resin nife; tinned surface sn100 dimensions case size dimensions in mm (inches) kemet eia/iecq l w h l 2 typ. w 2 0.1 h 2 typ. p 0.3 (.004) (.012) e 7343-44 7.3 0.3 4.3 0.3 4.1 0.3 7.3 2.4 1.8 1.3 (.287 0.012) (.169 0.012) (.161 0.012) (.287) (.094) (.071) (.051) tantalum chip capacitors B45396R multiple anode, ultra-low esr page 3 of 12 please read important notes and cautions and warnings at the end of this document.
marking case size e capacitance coding 1st and 2nd digit capacitance in pf 3rd digit multiplier: 6 = 10 6 pf 7 = 10 7 pf 8 = 10 8 pf date coding year month s = 2004 t = 2005 u = 2006 v = 2007 w = 2008 x = 2009 1 = january 2 = february 3 = march 4 = april 5 = may 6 = june 7 = july 8 = august 9 = september o = october n = november d = december tantalum chip capacitors B45396R multiple anode, ultra-low esr page 4 of 12 please read important notes and cautions and warnings at the end of this document.
specifications and characteristics in brief series multiple anode ordering code B45396R technology ta-mno 2 terminals tinned rated voltage (up to 85 c) v r 4 ... 50 vdc rated capacitance (20 c, 120 hz) c r 10 ... 1000 m f capacitance tolerance 20%, 10% maximum equivalent series resistance (20 c, 100 khz) esr max 30 ... 150 m w operating temperature range t op  55 ... +125 c failure rate (1 fit = 1  10 -9 failures/h) c r  v r > 330 m f  v (at 40 c; v r , r s 0.1 w /v) 288 fit service life >500000 h leakage current (v r , 5 min, 20 c) i leak 10 na/ m c detail specification (tinned terminals) cecc 30801-805 climatic category (to iec 60068-1) (  55 c/+125 c/56 days damp heat test) 55/125/56 tantalum chip capacitors B45396R multiple anode, ultra-low esr page 5 of 12 please read important notes and cautions and warnings at the end of this document.
overview of types (vdc) (up to 85 c) 4 6.3 10 16 20 25 35 50 c r ( m f) 10 e 15 e 22 e e 33 e 47 e e 68 e e 100 e 150 e 220 e 330 e 470 e e 680 e e 1000 e upon request tantalum chip capacitors B45396R multiple anode, ultra-low esr page 6 of 12 please read important notes and cautions and warnings at the end of this document.
ordering code structure b45 396r 1 477 + 5 0 * tantalum capacitor series 396r = multiple anode, ultra-low esr; tinned terminals rated voltage 0 = 4 v, 1 = 6.3 v, 2 = 10 v, 3 = 16 v, 4 = 20 v, 5 = 25 v, 6 = 35 v, 7 = 50 v rated capacitance + exponent c [pf]  10 x e.g.: 686 = 68 pf  10 6 = 68 m f, 157 = 15 pf  10 7 = 150 m f capacitance tolerance m = 20%, k = 10% case size 5 = e esr quality 9 = standard quality 0 = premium quality reel diameter 9 = 180 mm, 6 = 330 mm tantalum chip capacitors B45396R multiple anode, ultra-low esr page 7 of 12 please read important notes and cautions and warnings at the end of this document.
1) other values upon request technical data and ordering codes c r (20 c, 120 hz) m f case size df max (20 c, 120 hz) % i leak,max (20 c, v r , 5 min) m a esr max 1) (20 c, 100 khz) m w i ac,max (20 c, 100 khz) a ordering code l preliminary data * = code number for reel diameter + = capacitance tolerance 6 = 330-mm reel 9 = 180-mm reel m = 20% k = 10% v r (up to 85 c) = 4 vdc, v r (up to 125 c) = 2.5 vdc 680 e 6 27 30 3.0 B45396R0687+50* 680 e 6 27 35 2.8 B45396R0687+59* 1000 e 6 40 30 3.0 B45396R0108+50* 1000 e 6 40 35 2.8 B45396R0108+59* v r (up to 85 c) = 6.3 vdc, v r (up to 125 c) = 4 vdc 470 e 6 30 30 3.0 B45396R1477+50* 470 e 6 30 35 2.8 B45396R1477+59* 680 e 6 43 30 3.0 B45396R1687+50* l 680 e 6 43 35 2.8 B45396R1687+59* l v r (up to 85 c) = 10 vdc, v r (up to 125 c) = 6.3 vdc 330 e 6 33 35 2.8 B45396R2337+50* 330 e 6 33 40 2.6 B45396R2337+59* 470 e 6 47 35 2.8 B45396R2477+50* l 470 e 6 47 40 2.6 B45396R2477+59* l v r (up to 85 c) = 16 vdc, v r (up to 125 c) = 10 vdc 150 e 6 24 40 2.6 B45396R3157+50* 150 e 6 24 45 2.4 B45396R3157+59* 220 e 6 35 40 2.6 B45396R3227+50* 220 e 6 35 45 2.4 B45396R3227+59* v r (up to 85 c) = 20 vdc, v r (up to 125 c) = 13 vdc 68 e 6 14 45 2.4 B45396R4686+50* 68 e 6 14 55 2.2 B45396R4686+59* 100 e 6 20 45 2.4 B45396R4107+50* 100 e 6 20 55 2.2 B45396R4107+59* v r (up to 85 c) = 25 vdc, v r (up to 125 c) = 16 vdc 47 e 6 12 45 2.4 B45396R5476+50* l 47 e 6 12 55 2.2 B45396R5476+59* l 68 e 6 17 45 2.4 B45396R5686+50* l 68 e 6 17 55 2.2 B45396R5686+59* l v r (up to 85 c) = 35 vdc, v r (up to 125 c) = 23 vdc tantalum chip capacitors B45396R multiple anode, ultra-low esr page 8 of 12 please read important notes and cautions and warnings at the end of this document.
1) other values upon request c r (20 c, 120 hz) m f case size df max (20 c, 120 hz) % i leak,max (20 c, v r , 5 min) m a esr max 1) (20 c, 100 khz) m w i ac,max (20 c, 100 khz) a ordering code l preliminary data * = code number for reel diameter + = capacitance tolerance 6 = 330-mm reel 9 = 180-mm reel m = 20% k = 10% 22 e 6 8 60 2.1 B45396R6226+50* l 22 e 6 8 100 1.6 B45396R6226+59* l 33 e 6 12 50 2.3 B45396R6336+50* l 33 e 6 12 65 2.0 B45396R6336+59* l 47 e 6 16 55 2.2 B45396R6476+50* l 47 e 6 16 65 2.0 B45396R6476+59* l v r (up to 85 c) = 50 vdc, v r (up to 125 c) = 33 vdc 10 e 6 5 120 1.5 B45396R7106+50* l 10 e 6 5 150 1.3 B45396R7106+59* l 15 e 6 8 110 1.6 B45396R7156+50* l 15 e 6 8 140 1.4 B45396R7156+59* l 22 e 6 11 110 1.6 B45396R7226+50* l 22 e 6 11 140 1.4 B45396R7226+59* l tantalum chip capacitors B45396R multiple anode, ultra-low esr page 9 of 12 please read important notes and cautions and warnings at the end of this document.
cautions and warnings when using tantalum capacitors with a manganese dioxide coating, the following cautions and warnings should be taken into account: polarity because tantalum capacitors are polar capacitors, it is important to observe their polarity markings (positive pole on the anode, negative pole on the cathode). any incorrect polarity resulting from the sum of the ac and dc voltage components must be smaller than or equal to the permitted polarity reversal voltage . to avoid reducing their reliability, this voltage may only occur for a short time, at most five times for a duration of one minute per hour. voltage the maximum continuous voltage depends on the ambient temperature. within the temperature range of  55 to +85 c, the rated voltage is equal to the maximum continuous voltage. between + 85 and + 125 c the maximum continuous voltage must be reduced linearly from the full rated voltage to 2/3 of it (derating). at 150 c (only b4519*p series) the voltage must be reduced to 1/2 and at 175 c (only b4519*t series) to 1/3 of the rated voltage. operation below the maximum continuous voltage has a positive effect on the capacitor?s failure rate. the maximum continuous voltage must not be exceeded . all unfavourable operating conditions (such as possible line overvoltages, unfavourable tolerances of the transformation ratio of the line transformer in the equipment, repeated overvoltages when the equipment is switched on, high ambient temperatures) must be taken into account when determining the operating voltage . the surge voltage is the maximum voltage (peak value) that may be applied to the capacitor for short periods, at most five times for a total duration of up to 1 minute per hour. the surge voltage must not be applied for periodic charging and discharging in the course of normal operation and cannot be part of the operating voltage. the permissible surge voltage for all capacitors in this data book is 1.3 x the rated voltage. the occurrence of voltage impulses (transient voltages) that exceed the surge voltage may lead to irreparable damage. capacitance the actual capacitance of a capacitor can deviate from the rated capacitance by as much as the full magnitude of the tolerance at delivery. the capacitance varies with the temperature (at +125 c +12% up to +20%) and decreases with increasing frequency. tantalum chip capacitors B45396R multiple anode, ultra-low esr page 10 of 12 please read important notes and cautions and warnings at the end of this document.
low-resistance applications and voltage networks for low-resistance applications , kemet recommends a maximum operating voltage of half the permissible maximum continuous voltage, so that the capacitors have sufficient tolerance to withstand voltage peaks. depending on the conditions of use, the early failure rate is higher here by a factor of 2 to 20 than in the range with a constant failure rate as specified in the data book . when operated directly in a voltage network , the capacitor should be protected against overvoltage, e.g. by a suppressor diode, and against polarity reversal by a diode. if a capacitor is operated in an unprotected low-impedance circuit and fails because the permissible conditions for the forward dc voltage, reverse dc voltage, surge current, power dissipation or temperature are exceeded, the continued current flow through the overstressed capacitor may produce overheating. the overheated capacitor may damage the surrounding components and the circuit board. storage conditions capacitors with solid electrolyte may be stored at temperatures down to ?80 c. the upper storage temperature must not exceed +85 c (for blister tape the temperature limit is +40 c). the storage conditions should not exceed +40 c and 70% r. h. a drypack is useful to prevent the effects of humidity. tantalum chip capacitors B45396R multiple anode, ultra-low esr page 11 of 12 please read important notes and cautions and warnings at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, kemet is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether a kemet product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of passive electronic compon- ents or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applica- tions requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as ?hazardous?) . should you have any more detailed questions please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an or- der. we also reserve the right to discontinue production and delivery of products . con- sequently, we cannot guarantee that all products named in this publication will always be available. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the ?general terms of delivery for products and services in the electrical in- dustry? published by the german electrical and electronics industry association (zvei). important notes page 12 of 12


▲Up To Search▲   

 
Price & Availability of B45396R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X